Part Number Hot Search : 
TDA1519 FL064 S0500 2R800C SNC82120 HYAAM MB86619 F18N50
Product Description
Full Text Search
 

To Download RT450V470M16X41 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? ? ? rev. 7 ? aluminum electrolytic capacitors meritek rt series ( general pur p ose , axial ) f eatures ? wide cv value range ? load life 2000hrs at 85c ? high performance s pecifications item characteristic operation temperature rang e -40 ~ +85c -25 ~ +85c rated working voltage 6.3v ~ 100v 160v ~ 450v capacitance range 0.47 ~ 22,000 f capacitance tolerance (120hz 20c) 20%(m) leakage current i 0.02cv or 4 a * whichever is greater after 2 minutes application of rated voltage i 0.03cv + 10 a max * whichever is greater after 2 minutes application of rated voltage dissipation factor (tan ) (120hz 20c) add 0.02 per 1000 f for more than 1000 f w.v. 6.3 10 16 25 35 50 63 100 160~250 350~450 tan 0.28 0.24 0.20 0.16 0.14 0.12 0.12 0.10 0.20 0.25 low temperature stability impedance ratio at 120hz rated voltage (v) 6.3 10 16 25 35 50 63 100 160~250 350~400 450 -25c / +20c 5 4 3 2 2 2 2 2 4 4 6 -40c / +20c 12 10 8 5 4 3 3 3 15 10 - load life after 2000 hours application of w.v. and +85c ripple current value, the capacitor shall meet the following limits. (dc + ripple peak voltage rate working voltage) capacitance change 20% of initial value dissipation factor 200% of initial specified value leakage current initial specified value shelf life at +85c, no voltage application after 1000 hours, the capacitor shall meet the limits for load life characteristics. (with voltage treatment) p art n umbering s ystem rt 450 v 470 m 16x41 meritek series v oltage capacitance capacitance expressed in microfarads ( f). first two digits are significant figures. third digit denotes number of zeros. 'r' denotes decimal point for values less than 10 f tolerance m=20% can size ?d 5 6 8 10 13 16 18 22 25 ?d 0.6 0.8 0.8/1.0 6.3 ~ 100v 1.5 2.0 2.0 160 ~ 450v 1.5 2.0 2.0 d imen s i o n
? ? ? rev. 7 ? aluminum electrolytic capacitors meritek rt series ( general pur p ose , axial ) r ipple c urrent c oefficients wv frequency ca p( c ase s ize & m ax r ipple c urrent wv(sv) cap (f) 6.3 (8) 10 (13) 16 (20) 25 (32) 35 (44) 50 (63) 63 (75) 100 (125) 0.47 5 x 13 5 5 x 13 10 1 5 x 13 10 5 x 13 18 2.2 5 x 13 23 5 x 13 27 3.3 5 x 13 30 5 x 13 34 4.7 5 x 13 36 5 x 13 40 10 5 x 13 37 5 x 13 41 5 x 13 50 5 x 13 55 6.3 x 13 65 22 5 x 13 50 5 x 13 58 5 x 13 70 6.3 x 13 85 6.3 x 13 90 8 x 16 120 33 5 x 13 60 5 x 13 80 6.3 x 13 95 6.3 x 13 105 6.3 x 16 125 8 x 16 145 47 5 x 13 70 5 x 13 90 6.3 x 13 105 6.3 x 13 115 6.3 x 16 140 8 x 16 165 8 x 20 190 100 5 x 13 110 6.3 x 13 130 6.3 x 13 145 6.3 x 16 170 8 x 16 200 8 x 16 220 8 x 20 260 10 x 21 310 220 6.3 x 13 180 6.3 x 16 220 8 x 16 260 8 x 16 280 8 x 20 340 8 x 20 370 10 x 21 440 13 x 26 560 330 6.3 x 16 250 8 x 16 300 8 x 16 320 8 x 16 350 8 x 20 410 10 x 21 510 13 x 26 650 13 x 31 730 470 8 x 16 330 8 x 16 350 8 x 16 390 8 x 20 460 10 x 21 550 13 x 26 740 13 x 26 780 16 x 31 960 1000 8 x 20 530 8 x 20 570 10 x 21 700 10 x 26 830 13 x 26 980 13 x 31 1130 16 x 31 1330 18 x 41 1640 2200 10 x 21 850 13 x 26 1100 13 x 26 1190 13 x 31 1330 16 x 31 1580 16 x 41 1930 18 x 41 2080 25 x 51 2560 3300 13 x 26 1210 13 x 26 1290 13 x 31 1460 16 x 31 1700 16 x 41 1810 18 x 41 2260 22 x 51 2370 4700 13 x 26 1400 13 x 31 1550 16 x 31 1840 16 x 41 2190 18 x 41 2380 22 x 51 2510 25 x 41 3970 6800 13 x 31 1650 16 x 31 1930 16 x 41 2310 18 x 41 2480 22 x 51 2760 10000 16 x 31 1990 16 x 41 2350 18 x 41 2520 22 x 51 3240 25 x 51 3500 15000 16 x 41 2480 18 x 41 2630 22 x 51 3310 22000 18 x 41 2730 22 x 51 3390 25 x 51 3500 wv(sv) cap (f) 160 (200) 200 (250) 250 (300) 350 (400) 400 (450) 450 (500) 1 6.3 x 13 16 6.3 x 16 20 6.3 x 16 20 8 x 16 19 2.2 6.3 x 13 24 6.3 x 16 30 8 x 16 33 8 x 16 33 8 x 16 28 3.3 6.3 x 16 37 6.3 x 16 37 8 x 16 40 8 x 16 40 8 x 20 45 8 x 20 38 4.7 8 x 16 50 8 x 16 50 8 x 16 50 8 x 20 55 10 x 21 60 10 x 21 50 10 8 x 20 80 8 x 20 80 10 x 21 90 10 x 26 100 13 x 26 110 13 x 26 90 22 10 x 21 130 10 x 26 145 13 x 26 160 13 x 26 160 13 x 31 170 16 x 31 160 33 10 x 26 180 13 x 26 195 13 x 26 195 13 x 31 200 16 x 31 230 16 x 31 190 47 13 x 26 230 13 x 31 230 13 x 31 240 16 x 31 270 16 x 41 310 16 x 41 270 100 16 x 31 400 16 x 31 400 16 x 41 450 18 x 41 460 22 x 51 370 case size rc 220 16 x 41 670 18 x 41 690 22 x 4 764 case size : ?d x l (mm) max ripple current : ma(rms) 85c 120hz


▲Up To Search▲   

 
Price & Availability of RT450V470M16X41

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X